Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7295D Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7295D
Description  The RT7295D is a synchronous step-down converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7295D Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7295D Datasheet HTML 6Page - Richtek Technology Corporation RT7295D Datasheet HTML 7Page - Richtek Technology Corporation RT7295D Datasheet HTML 8Page - Richtek Technology Corporation RT7295D Datasheet HTML 9Page - Richtek Technology Corporation RT7295D Datasheet HTML 10Page - Richtek Technology Corporation RT7295D Datasheet HTML 11Page - Richtek Technology Corporation RT7295D Datasheet HTML 12Page - Richtek Technology Corporation RT7295D Datasheet HTML 13Page - Richtek Technology Corporation RT7295D Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT7295D
11
DS7295D-05 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Feed-forward Capacitor (Cff)
The RT7295D is optimized for ceramic output capacitors
and for low duty cycle applications. However for high-output
voltages, with high feedback attenuation, the circuit's
response becomes over-damped and transient response
can be slowed. In high-output voltage circuits (VOUT > 3.3V)
transient response is improved by adding a small “feed-
forward” capacitor (Cff) across the upper FB divider resistor
(Figure 1), to increase the circuit's Q and reduce damping
to speed up the transient response without affecting the
steady-state stability of the circuit. Choose a suitable
capacitor value that following below step.
Get the BW the quickest method to do transient
response form no load to full load. Confirm the damping
frequency. The damping frequency is BW.
Figure 1. Cff Capacitor Setting
Cff can be calculated base on below equation.
ff
1
C
2 3.1412 R1 BW 0.8

Internal Soft-Start (SS)
The RT7295D soft-start uses an internal soft-start time
800
μs.
Enable Operation (EN)
For automatic start-up the EN pin can be connected to
VIN through a 100k
Ω resistor. Its large hysteresis band
makes EN useful for simple delay and timing circuits. EN
can be externally pulled to VIN by adding a resistor-
capacitor delay (REN and CEN in Figure 2). Calculate the
delay time using EN's internal threshold where switching
operation begins (1.4V, typical).
An external MOSFET can be added to implement digital
control of EN when no system voltage above 2V is available
(Figure 3). In this case, a 100k
Ω pull-up resistor, REN, is
connected between VIN and the EN pin. MOSFET Q1 will
be under logic control to pull down the EN pin. To prevent
enabling circuit when VIN is smaller than the VOUT target
value or some other desired voltage level, a resistive voltage
divider can be placed between the input voltage and ground
and connected to EN to create an additional input under
voltage lockout threshold (Figure 4).
RT7295D
GND
FB
R1
R2
VOUT
Cff
BW
Figure 4. Resistor Divider for Lockout Threshold Setting
Figure 2. External Timing Control
Figure 3. Digital Enable Control Circuit
RT7295D
EN
GND
VIN
REN
CEN
EN
RT7295D
EN
GND
100k
VIN
REN
Q1
Enable
RT7295D
EN
GND
VIN
REN1
REN2


Similar Part No. - RT7295D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7295CGJ6F RICHTEK-RT7295CGJ6F Datasheet
944Kb / 10P
   Evaluation Board
More results

Similar Description - RT7295D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7255 RICHTEK-RT7255 Datasheet
1Mb / 17P
   The RT7255 is a synchronous step-down
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com