Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8004A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8004A
Description  The RT8004A is a high efficiency synchronous
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8004A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8004A Datasheet HTML 3Page - Richtek Technology Corporation RT8004A Datasheet HTML 4Page - Richtek Technology Corporation RT8004A Datasheet HTML 5Page - Richtek Technology Corporation RT8004A Datasheet HTML 6Page - Richtek Technology Corporation RT8004A Datasheet HTML 7Page - Richtek Technology Corporation RT8004A Datasheet HTML 8Page - Richtek Technology Corporation RT8004A Datasheet HTML 9Page - Richtek Technology Corporation RT8004A Datasheet HTML 10Page - Richtek Technology Corporation RT8004A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8004A
7
DS8004A-03 March 2011
www.richtek.com
To be continued
Typical Operating Characteristics
Output Voltage vs. Input Voltage
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.5
3.8
4.0
4.3
4.5
4.8
5.0
5.3
5.5
Input Voltage (V)
IOUT = 0A, VOUT = 3.3V
Output Voltage vs. Output Current
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Output Current (A)
VIN = 5V, VOUT = 3.3V
Input Voltage vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
VIN = 3.3V, VOUT = 1.2V
Falling
Frequency vs. Temperature
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V
VIN = 3.3V
VOUT = 1.2V, IOUT = 0.3A
Output Current Limit vs. Temperature
4.0
4.3
4.5
4.8
5.0
5.3
5.5
5.8
6.0
6.3
6.5
6.8
7.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V
VIN = 3.3V
VOUT = 1.2V
Efficiency vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Output Current (A)
VIN = 5V, VOUT = 3.3V


Similar Part No. - RT8004A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PS RICHTEK-RT8004PS Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8004A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
   The RT6296C is a high-efficiency
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
   The RT7296C is a high-efficiency
RT6208 RICHTEK-RT6208 Datasheet
751Kb / 17P
   The RT6208 is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
RT6296F RICHTEK-RT6296F Datasheet
813Kb / 12P
   The RT6296F is a high-efficiency
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
   The BL8528 is a synchronous
logo
Richtek Technology Corp...
RT7255 RICHTEK-RT7255 Datasheet
1Mb / 17P
   The RT7255 is a synchronous step-down
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
   The TJ9910 is a PWM high-efficiency LED driver control IC
logo
Richtek Technology Corp...
RT7295D RICHTEK-RT7295D Datasheet
218Kb / 14P
   The RT7295D is a synchronous step-down converter
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com