Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2BE10 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TCR2BE10
Description  200 mA CMOS Low Drop-Out Regulator with Auto-discharge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2BE10 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TCR2BE10 Datasheet HTML 6Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 7Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 8Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 9Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 10Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 11Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 12Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 13Page - Toshiba Semiconductor TCR2BE10 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TCR2BF series, TCR2BE series
2011-06-06
10
4) Dropout Voltage vs. Output Current
5) Quiescent Current vs. Input Voltage
VOUT=1.8V
0
100
200
300
400
0
40
100
200
Output current IOUT (mA)
80
180
120 140 160
60
20
500
CIN = 0.1 μF, COUT = 1 μF
VOUT=1.0V
0
200
400
600
800
0
40
100
200
Output current IOUT (mA)
80
180
120 140 160
60
20
1000
CIN = 0.1 μF, COUT = 1 μF
VOUT=2.5V
0
100
200
300
400
0
40
100
200
Output current IOUT (mA)
80
180
120 140 160
60
20
500
CIN = 0.1 μF, COUT = 1 μF
VOUT=1.0V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
60
120
0
1
4
6
2
3
5
Input voltage VIN (V)
0
20
40
80
100
VOUT=1.8V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 0mA
60
120
0
1
4
6
2
3
5
Input voltage VIN (V)
0
20
40
80
100


Similar Part No. - TCR2BE10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - TCR2BE10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
   200 mA CMOS Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com