Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK4A53D Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TK4A53D
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK4A53D Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TK4A53D Datasheet HTML 1Page - Toshiba Semiconductor TK4A53D Datasheet HTML 2Page - Toshiba Semiconductor TK4A53D Datasheet HTML 3Page - Toshiba Semiconductor TK4A53D Datasheet HTML 4Page - Toshiba Semiconductor TK4A53D Datasheet HTML 5Page - Toshiba Semiconductor TK4A53D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TK4A53D
2010-09-28
4
0
0.1
−0.3
1
100
−0.6
−0.9
VGS = 0 V
10
3
1
5
−1.2
−1.5
10
160
−40
0
40
80
120
−80
5
3
2
1
0
ID = 1 A
2
4
4
0
4
8
VDD = 100 V
VDS
VGS
400
200
12
16
500
400
300
200
100
0
20
16
12
8
4
0
20
50
0
0
40
80
120
160
20
30
40
10
0
1
2
3
5
−80
−40
0
40
80
120
160
4
Vth − Tc
RDS (ON) − Tc
IDR − VDS
PD − Tc
Common source
Tc
= 25°C
Pulse Test
Common source
VDS = 10 V
ID = 1mA
Pulse Test
Case temperature Tc (°C)
Case temperature Tc (°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
Case temperature Tc (°C)
Drain-source voltage VDS (V)
Dynamic input / output
characteristics
Common source
ID = 4 A
Tc
= 25°C
Pulse Test
Common source
VGS = 10 V
Pulse Test
1
0.1
10
100
1000
10000
1
10
100
Ciss
Coss
Crss
COMMON SOURCE
VGS = 0 V
f
= 1 MHz
Tc
= 25°C


Similar Part No. - TK4A53D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK4A53D TOSHIBA-TK4A53D Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK4A53D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com