Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF40R207 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF40R207
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF40R207 Datasheet(HTML) 2 Page - International Rectifier

  IRF40R207 Datasheet HTML 1Page - International Rectifier IRF40R207 Datasheet HTML 2Page - International Rectifier IRF40R207 Datasheet HTML 3Page - International Rectifier IRF40R207 Datasheet HTML 4Page - International Rectifier IRF40R207 Datasheet HTML 5Page - International Rectifier IRF40R207 Datasheet HTML 6Page - International Rectifier IRF40R207 Datasheet HTML 7Page - International Rectifier IRF40R207 Datasheet HTML 8Page - International Rectifier IRF40R207 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRF40R207
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 31, 2015
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
90
A  
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
64
IDM
Pulsed Drain Current 
337*
PD @TC = 25°C
Maximum Power Dissipation
83
W
Linear Derating Factor
0.56
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
86
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
165
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
1.8
°C/W  
RCS
Junction-to-Ambient (PCB Mounted)
–––
50
RJA
Junction-to-Ambient 
–––
110
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
56
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max.
Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.039 –––
V/°C
Reference to 25°C, ID = 1.0mA 
RDS(on)
–––
4.2
5.1
m

VGS = 10V, ID = 55A 
–––
5.9
–––
VGS = 6.0V, ID = 28A 
VGS(th)
Gate Threshold Voltage
2.2
3.0
3.9
V
VDS = VGS, ID = 50µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS =40 V, VGS = 0V
–––
–––
150
VDS =40V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
2.0
–––

Static Drain-to-Source On-Resistance
Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 56A. Note that current
limitations arising from heating of the device leads may occur with some lead mounting arrangements. (Refer to AN-1140)
Repetitive rating; pulse width limited by max. junction temperature.

Limited by TJmax, starting TJ = 25°C, L = 0.056mH,RG = 50, IAS = 55A, VGS =10V.
ISD  55A, di/dt  890A/µs, VDD  V(BR)DSS, TJ  175°C.
Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.

Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1mH,RG = 50, IAS = 18A, VGS =10V.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques
refer to application note #AN-994.: http://www.irf.com/technical-info/appnotes/an-994.pdf
*
Pulse drain current is limited at 224A by source bonding technology.


Similar Part No. - IRF40R207

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF40R207 ISC-IRF40R207 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRF40R207

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com