Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF520NSPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF520NSPBF
Description  FAST SWITCHING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520NSPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF520NSPBF Datasheet HTML 3Page - International Rectifier IRF520NSPBF Datasheet HTML 4Page - International Rectifier IRF520NSPBF Datasheet HTML 5Page - International Rectifier IRF520NSPBF Datasheet HTML 6Page - International Rectifier IRF520NSPBF Datasheet HTML 7Page - International Rectifier IRF520NSPBF Datasheet HTML 8Page - International Rectifier IRF520NSPBF Datasheet HTML 9Page - International Rectifier IRF520NSPBF Datasheet HTML 10Page - International Rectifier IRF520NSPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF520NS/LPbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
ASSE MB LY
LOT CODE
R E CT IF IE R
INT E R NAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
IN T HE AS S E MB LY LINE "C"
LOGO
T HIS IS AN IR L 3103L
LOT CODE 1789
EXAMPL E:
LINE C
DAT E CODE
WEEK 19
YE AR 7 = 1997
PAR T NUMB E R
PAR T NU MBE R
LOGO
LOT CODE
AS S E MB L Y
INT E R NAT IONAL
RE CT IF IER
PR ODU CT (OPT IONAL)
P = DE S IGNAT E S L E AD-F R EE
A = AS S E MB L Y S IT E CODE
WEEK 19
YE AR 7 = 1997
DAT E CODE
OR


Similar Part No. - IRF520NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520NSPBF IRF-IRF520NSPBF Datasheet
405Kb / 10P
   Advamced {rpcess Technology Surface Mount
More results

Similar Description - IRF520NSPBF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
   Fast Switching
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
   Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
   Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
   Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
   Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
   Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
   Fast Switching
40N10 ISC-40N10 Datasheet
68Kb / 2P
   Fast Switching
2N60 ISC-2N60 Datasheet
157Kb / 2P
   Fast Switching
3N45 ISC-3N45 Datasheet
49Kb / 2P
   Fast Switching
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com