Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMMAD1103 Datasheet(PDF) 4 Page - Protek Devices

Part # PMMAD1103
Description  ultra low capa citance multi-line steering diode arra y
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMMAD1103 Datasheet(HTML) 4 Page - Protek Devices

  PMMAD1103 Datasheet HTML 1Page - Protek Devices PMMAD1103 Datasheet HTML 2Page - Protek Devices PMMAD1103 Datasheet HTML 3Page - Protek Devices PMMAD1103 Datasheet HTML 4Page - Protek Devices PMMAD1103 Datasheet HTML 5Page - Protek Devices PMMAD1103 Datasheet HTML 6Page - Protek Devices PMMAD1103 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05089.R12 9/12
Page 4
PMMAD Series
SPice MoDel
FiguRe 1
SPice MoDel
tABle 1 - SPice PARAMeteRS
PARAMeteR
unit
lcRD
BV
V
200
IBV
µA
0.01
C
jo
pF
3
I
S
A
1E-13
Vj
V
0.6
M
-
0.33
N
-
1
R
S
Ohms
0.31
TT
s
1E-9
EG
eV
1.11
LCRD - Low Capacitance Rectifier Diode
Lg - Lead Inductance
LCRD
LCRD
Lg
0.6nH
LCRD
Lg
0.6nH
PMMAD1106
PMMAD1109
PMMAD1103
I/O
V
CC+
I/O


Similar Part No. - PMMAD1103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMMAD1103 ETC-PMMAD1103 Datasheet
119Kb / 3P
   STEERING DIODE (RAIL CLAMP) ARRAY
logo
Protek Devices
PMMAD1103 PROTEC-PMMAD1103 Datasheet
828Kb / 7P
   ultra low capacitance multi-line steering diode array
PMMAD1103-LF-T13 PROTEC-PMMAD1103-LF-T13 Datasheet
78Kb / 4P
   STEERING DIODE ARRAY
PMMAD1103-T13 PROTEC-PMMAD1103-T13 Datasheet
78Kb / 4P
   STEERING DIODE ARRAY
PMMAD1103-T7 PROTEC-PMMAD1103-T7 Datasheet
78Kb / 4P
   STEERING DIODE ARRAY
More results

Similar Description - PMMAD1103

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMMAD1108 PROTEC-PMMAD1108_12 Datasheet
498Kb / 5P
   ultra low capa citance multi-line steering diode arra y
PMAD1108 PROTEC-PMAD1108_12 Datasheet
518Kb / 4P
   ultra low capa citance multi-line steering diode arra y
PMAD PROTEC-PMAD_11 Datasheet
867Kb / 6P
   ultra low capa citance multi-line steering diode array
MMAD PROTEC-MMAD_12 Datasheet
889Kb / 6P
   ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_10 Datasheet
501Kb / 4P
   ultra low capacitance multi-line steering diode array
PMMAD1108 PROTEC-PMMAD1108_11 Datasheet
495Kb / 5P
   ultra low capacitance multi-line steering diode array
MAD1108 PROTEC-MAD1108_12 Datasheet
506Kb / 4P
   ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD PROTEC-MMAD Datasheet
887Kb / 6P
   ultra low capacitance multi-line steering diode array
MMAD1108 PROTEC-MMAD1108_11 Datasheet
480Kb / 5P
   ultra low capacitance multi-line steering diode array
PMMAD PROTEC-PMMAD_11 Datasheet
828Kb / 7P
   ultra low capacitance multi-line steering diode array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com