Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPL570DS Datasheet(PDF) 11 Page - AAEON Technology

Part # NSPL570DS
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPL570DS Datasheet(HTML) 11 Page - AAEON Technology

Back Button NSPL570DS_15 Datasheet HTML 6Page - AAEON Technology NSPL570DS_15 Datasheet HTML 7Page - AAEON Technology NSPL570DS_15 Datasheet HTML 8Page - AAEON Technology NSPL570DS_15 Datasheet HTML 9Page - AAEON Technology NSPL570DS_15 Datasheet HTML 10Page - AAEON Technology NSPL570DS_15 Datasheet HTML 11Page - AAEON Technology NSPL570DS_15 Datasheet HTML 12Page - AAEON Technology NSPL570DS_15 Datasheet HTML 13Page - AAEON Technology NSPL570DS_15 Datasheet HTML 14Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1mA
20mA
100mA
30mA
5mA
1.2
1.0
0.8
0.4
0.2
0
0.6
1.0
0.5
0
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength λ (nm)
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
x
0° 10° 20°
30°
40°
50°
60°
70°
80°
90°
-30°C
0°C
25°C
50°C
85°C
IFP=20mA
Ta=25°C
30°
0.5
90°
60°
1.0
0.38
0.39
0.40
0.41
0.42
0.41
0.40
0.37
0.39
0.38
0.38
0.39
0.40
0.41
0.42
0.41
0.40
0.38
0.37
0.39
400
500
600
800
700
NSPL570D(S)
080918827201
Model
NICHIA CORPORATION Title
No.
CHARACTERISTICS


Similar Part No. - NSPL570DS_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NSPL570DS_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPL500S ETC-NSPL500S Datasheet
200Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS_15 Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS_15 Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL500DS AAEON-NSPL500DS_15 Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com