Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4641Y Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4641Y
Description  38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4641Y Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4641Y Datasheet HTML 7Page - Linear Technology LTM4641Y Datasheet HTML 8Page - Linear Technology LTM4641Y Datasheet HTML 9Page - Linear Technology LTM4641Y Datasheet HTML 10Page - Linear Technology LTM4641Y Datasheet HTML 11Page - Linear Technology LTM4641Y Datasheet HTML 12Page - Linear Technology LTM4641Y Datasheet HTML 13Page - Linear Technology LTM4641Y Datasheet HTML 14Page - Linear Technology LTM4641Y Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
//htmlimg2.alldatasheet.net/htmldatasheet2/719972/LINER/LTM4641Y/1721/11/LTM4641Y.png


Similar Part No. - LTM4641Y

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4642 LINER-LTM4642 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
logo
Analog Devices
LTM4642 AD-LTM4642 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Linear Technology
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
logo
Analog Devices
LTM4643 AD-LTM4643 Datasheet
2Mb / 30P
   20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results

Similar Description - LTM4641Y

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4618 LINER-LTM4618_15 Datasheet
339Kb / 24P
   6A DC/DC Module Regulator with Tracking and Frequency Synchronization
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
   10A High Efficiency DC/DC Module
logo
Intersil Corporation
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
   10A, High Efficiency DC/DC Module
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
   10A, High Efficiency DC/DC Module
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
   Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com