Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF2805PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF2805PBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2805PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF2805PBF_15 Datasheet HTML 1Page - International Rectifier IRF2805PBF_15 Datasheet HTML 2Page - International Rectifier IRF2805PBF_15 Datasheet HTML 3Page - International Rectifier IRF2805PBF_15 Datasheet HTML 4Page - International Rectifier IRF2805PBF_15 Datasheet HTML 5Page - International Rectifier IRF2805PBF_15 Datasheet HTML 6Page - International Rectifier IRF2805PBF_15 Datasheet HTML 7Page - International Rectifier IRF2805PBF_15 Datasheet HTML 8Page - International Rectifier IRF2805PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF2805PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.06 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance –––
3.9
4.7
m
VGS = 10V, ID = 104A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
91
–––
–––
S
VDS = 25V, ID = 104A
–––
–––
20
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 55V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -20V
Qg
Total Gate Charge
–––
150
230
ID = 104A
Qgs
Gate-to-Source Charge
–––
38
57
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
52
78
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 28V
tr
Rise Time
–––
120
–––
ID = 104A
td(off)
Turn-Off Delay Time
–––
68
–––
RG = 2.5
tf
Fall Time
–––
110
–––
VGS = 10V
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 5110 –––
VGS = 0V
Coss
Output Capacitance
––– 1190 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
210
–––
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
––– 6470 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
860
–––
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
––– 1600 –––
VGS = 0V, VDS = 0V to 44V
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Starting TJ = 25°C, L = 0.08mH
RG = 25
Ω, IAS = 104A. (See Figure 12).
ƒ ISD ≤ 104A, di/dt ≤ 240A/µs, VDD ≤ V(BR)DSS,
TJ
≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 104A, VGS = 0V
„
trr
Reverse Recovery Time
–––
80
120
ns
TJ = 25°C, IF = 104A
Qrr
Reverse Recovery Charge
–––
290 430
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
175
700
A
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
‡ This value determined from sample failure population. 100%
tested to this value in production.


Similar Part No. - IRF2805PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2805PBF IRF-IRF2805PBF Datasheet
162Kb / 9P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRF2805PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com