Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-160PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # MD-160PIN
Description  Termination-Insensitive Mixer, 1 - 1500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-160PIN Datasheet(HTML) 1 Page - Tyco Electronics

  MD-160PIN Datasheet HTML 1Page - Tyco Electronics MD-160PIN Datasheet HTML 2Page - Tyco Electronics MD-160PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Termination-Insensitive Mixer,
1 - 1500 MHz
RH-3
V 3.00
Features
n
Third Order Intermodulation Ratio is Insensitive to Port
Mismatches
n
Conversion Loss: 7 dB Typical Midband
n
VSWR: Typically Less than 1.5:1 @ Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 350 mW max. @ 25°C,
Derated to 85°C @ 3.5 mW/°C
n
MIL-STD-883 Screening Available
Description
The unique design of the termination insensitive mixer
(TIM) enables it to apply high reverse voltage to diodes
during their “off” phase, in the LO cycle. This allows for
higher power level performance with minimum distortion.
In addition the TIM has internal loads that provide a good
match and also absorb mixer generated LO frequency
terms.
Combined, these features give the mixer its
insensitivity to external mismatches, plus superior VSWR.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port (3 dB BW)
1 - 1500
1 - 1000
MHz
MHz
Conversion Loss
2
5 - 1000 MHz
1 - 1500 MHz
dB
dB
7.5
9.0
Isolation
LO to RF
1 - 5 MHz
5 - 500 MHz
500 - 1500 MHz
dB
dB
dB
20
28
25
LO to IF
1 - 5 MHz
5 - 500 MHz
500 - 1500 MHz
dB
dB
dB
20
28
17
RF to IF
1 - 5 MHz
5 - 500 MHz
500 - 1500 MHz
dB
dB
dB
20
25
17
RF Input
1 dB Compression
3
1 dB Desensitization
3
dBm
dBm
+15
+13
1. All specifications apply when operated at +13 dBm available LO power with 50 ohm source and load impedance.
2. For IF Frequencies of 5 - 1000 MHz and an RF of –10 dBm or lower.
3. These characteristics apply @ +20 dBm LO power.
This product contains elements protected by United States Patent Number 4,224,572.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
LO
5
GND
2
GND
6
GND
3*
IF
7*
IF
4
GND
8
RF
* P3 and P7 are connected together to make IF Port.


Similar Part No. - MD-160PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
   Termination Insensitive Mixer, 1 - 1500 MHz
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
   Termination Insensitive Mixer
MD-160 MA-COM-MD-160_15 Datasheet
80Kb / 3P
   Termination Insensitive Mixer
More results

Similar Description - MD-160PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
   Termination Insensitive Mixer, 1 - 1500 MHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
   Termination-Insensitive Mixer, 1 - 500 MHz
logo
M/A-COM Technology Solu...
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
   Termination Insensitive Mixer, 1 - 500 MHz
logo
Tyco Electronics
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
   Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
Tyco Electronics
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com