Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2ME-153FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M306V2ME-153FP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V2ME-153FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M306V2ME-153FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M306V2ME-153FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 276 page
background image
M306V2ME-XXXFP
M306V2EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
3
Rev. 1.0
1.3 Pin Configuration
Figure 1.3.1 shows the pin configuration (top view).
PIN CONFIGURATION (top view)
Package: 100P6S-A
Figure 1.3.1 Pin configuration (top view)
P44/CS0
81
P07/D7
50
P45/CS1
82
P06/D6
49
P46/CS2
83
P05/D5
48
P47/CS3
84
P04/D4
47
P50/WRL/WR
85
P03/D3
46
P51/WRH/BHE
86
P02/D2
45
P52/RD
87
P01/D1
44
P53/BCLK
88
P00/D0
43
P54/HLDA
89
P107/AN5
42
P55/HOLD
90
P106/AN4
41
P56/ALE
91
P105/AN3
40
P57/RDY/CLKOUT
92
P104/AN2
39
P60/CTS0/RTS0
93
P103/AN1
38
P61/CLK0
94
P102/AN0
37
P62/RxD0
95
P101/VSYNC
36
P63/TXD0
96
N.C.
35
B
97
P100/HSYNC
34
G
98
TVSETB
33
R
99
AVcc
32
P67/SDA2
100
CVIN
31
M306V2ME-XXXFP
M306V2EEFP


Similar Part No. - M306V2ME-153FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M306V2ME-153FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V5ME MITSUBISHI-M306V5ME Datasheet
1Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME-XXXSP MITSUBISHI-M306V5ME-XXXSP Datasheet
2Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
6V7 RENESAS-6V7 Datasheet
2Mb / 298P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M306V0ME MITSUBISHI-M306V0ME Datasheet
2Mb / 256P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V7MG RENESAS-M306V7MG_15 Datasheet
2Mb / 300P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com