Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-148 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MDS-148
Description  Double-Balanced Mixer, 10 - 1500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MDS-148 Datasheet(HTML) 1 Page - Tyco Electronics

  MDS-148 Datasheet HTML 1Page - Tyco Electronics MDS-148 Datasheet HTML 2Page - Tyco Electronics MDS-148 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Double-Balanced Mixer,
10 - 1500 MHz
FP-2 (MD-148)
V 3.00
Features
n
Fully Hermetic Package
n
1 dB Compression Point: +5 dBm
n
Conversion Loss: 6 dB Typical Midband
n
LO-RF/LO-IF Isolation: 40 dB Typical Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW Max, Derated to 85°C
@ 3.2 mW/°C
n
X Port Current: 50 mA Max.
n
MIL-STD-883 Screening Available
Description
Transformers convert the LO and RF paths to balanced
lines connecting to a medium barrier, Schottky diode ring
quad. These transformers help provide excellent isolation
between ports. Conversion loss is low. The direct connec-
tion of the IF port to the diode quad allows these mixers to
be used as phase detectors and bi-phase modulators.
SF-1 (MDS-148)
Pin Configuration (MD-148)
Pin No.
Function
Pin No.
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF
Pin Configuration (MDS-148)
Pin No.
Function
Pin No.
Function
1
GND
3
LO
2
IF
4
RF


Similar Part No. - MDS-148

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDS-148 MA-COM-MDS-148 Datasheet
60Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
More results

Similar Description - MDS-148

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-149 MA-COM-MD-149 Datasheet
75Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
logo
Tyco Electronics
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
MDS-149 MACOM-MDS-149 Datasheet
217Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-148 MA-COM-MD-148 Datasheet
60Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
logo
Tyco Electronics
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
   Double Balanced Mixer 5 - 1500 MHz
MD-158 MACOM-MD-158 Datasheet
202Kb / 3P
   Double-Balanced Mixer, 5 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
   Double-Balanced Mixer, 5 - 1500 MHz
logo
List of Unclassifed Man...
MC1507 ETC1-MC1507 Datasheet
169Kb / 2P
   10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
MC1502 ETC1-MC1502 Datasheet
169Kb / 2P
   10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
logo
Teledyne Technologies I...
MC1505 TELEDYNE-MC1505 Datasheet
169Kb / 2P
   10 TO 1500 MHz TO-8 DOUBLE-MC1505 BALANCED MIXER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com