Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTB1367 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTB1367
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1367 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1367_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1367_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
KTB1367
Revision No : 2
I
- V
C
CE
CE
COLLECTOR EMITTER VOLTAGE V
(V)
0-1
-2
0
-1
SAFE OPERATING AREA
-3
-10
-0.1
-0.03
-0.01
COLLECTOR CURRENT I
(A)
C
C
CE(sat)
V
- I
10
500
-0.01
COLLECTOR CURRENT I
(A)
C
C
FE
h
- I
0
50
25
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-3
-4
-5
-6
-7
-2
-3
-4
-5
COMMON EMITTER
Tc=25 C
I =-20mA
B
-50
-100
-150
-200
-250
0
-0.03
-0.1
-0.3
-1
-3
-5
30
50
100
300
COMMON EMITTER
V
=-5V
CE
Tc=75 C
Tc=25 C
Tc=-25 C
75
100
125
150
Tc=Ta
INFINITE HEAT SINK
-30
-100
-200
-0.3
-1
-0.5
-3
-5
-10
-20
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSED)
C
I
MAX
(CONTINUOUS)
C
DC
OPERATION
(T
c=25
C)
1s
-0.03
-0.1
-0.3
-1
-3
-5
-0.05
-0.1
-0.3
-0.5
1
2
COMMON EMITTER
I /I =10
CB
Tc=75
C
Tc=25 C
Tc=-25 C
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
10
20
30
40
50


Similar Part No. - KTB1367_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1367 KEC-KTB1367 Datasheet
328Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
logo
Inchange Semiconductor ...
KTB1367 ISC-KTB1367 Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistor
logo
Jiangsu Changjiang Elec...
KTB1367 JIANGSU-KTB1367 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results

Similar Description - KTB1367_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com