Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-169PIN Datasheet(PDF) 4 Page - Tyco Electronics

Part # MD-169PIN
Description  Termination Insensitive Mixer, 1 MHz - 3.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-169PIN Datasheet(HTML) 4 Page - Tyco Electronics

  MD-169PIN Datasheet HTML 1Page - Tyco Electronics MD-169PIN Datasheet HTML 2Page - Tyco Electronics MD-169PIN Datasheet HTML 3Page - Tyco Electronics MD-169PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Termination-Insensitive Mixer, 1 MHz - 3.5 GHz
MD-/MDC-/MDS-169
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
4
VSWR
IF Port Response
Ordering Information
Part Number
Package
MD-169 PIN
FP-2
MDC-169 SMA
C-7
MDS-169
SF-1
0.0
0.5
1.0
1.5
2.0
0
1
3
10
30
100
1000
2000
3000
4000
IF Frequency (MHz)
1
1.5
2
2.5
3
0
1
3
10
30
100
1000
2000
3000
4000
Frequency (MHz)
LO
RF
IF
Conversion Loss vs. LO Power - RF
@ 2000 MHz –10 dBm, IF @ 60 MHz
3rd Order IM Ratio - LO @ +10 dBm,
6
7
8
9
10
0
2
4
6
8
10
12
14
LO Power (dBm)
45
50
55
60
65
0
1
3
10
30
100
1000
2000
3000
4000
Frequency (MHz)
IF Port Terminated
with 3.0:1 Mismatch
IF Port Match


Similar Part No. - MD-169PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-169PIN MACOM-MD-169PIN Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
More results

Similar Description - MD-169PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
Tyco Electronics
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDC-162 MACOM-MDC-162 Datasheet
144Kb / 3P
   Termination-Insensitive Mixer 1 - 7 GHz
logo
M/A-COM Technology Solu...
MDC-162 MA-COM-MDC-162 Datasheet
80Kb / 3P
   Termination-Insensitive Mixer, 1 - 7 GHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
   Termination-Insensitive Mixer, 1 - 1500 MHz
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
   Termination-Insensitive Mixer, 1 - 500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
   Termination Insensitive Mixer, 1 - 1500 MHz
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
   Termination Insensitive Mixer, 1 - 500 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com