Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC2026 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC2026
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2026 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC2026_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTC2026_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 7. 23
2/2
KTC2026
Revision No : 5
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
C
COLLECTOR CURRENT I (A)
0.02
0.05 0.1
0.3
10
10
3
0.05
0.02
COLLECTOR CURRENT I (A)
C
V
- I
12345678
0.5
1.0
1.5
2.0
2.5
3.0
COMMON EMITTER
Tc=25 C
60
50
40
30
20
90
80
70
0
I =10mA
B
FE
C
13
10
30
50
100
300
COMMON EMITTER
V =5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
CE(sat)
C
1
0.3
0.1
5
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =10
C B
Tc=
100
C
Tc=25 C
Tc=-25 C
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100 125 150 175 200
5
10
15
20
25
30
35
40
Tc=Ta
INFINITE HEAT SINK
300x300x2mm Al
HEAT SINK
200x200x2mm Al
HEAT SINK
100x100x1mm Al
HEAT SINK
100x100x1mm Fe
HEAT SINK
50x50x1mm Al
HEAT SINK
50x50x1mm Fe
HEAT SINK
NO HEAT
SINK
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
I MAX.(PULSED)*
C
(CONTINUOUS)
C
I MAX.
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
13
10
100
0.1
30
550
0.3
0.5
1
3
5
10
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
SINGLE NONREPETITIVE
PULSE Tc=25 C
*


Similar Part No. - KTC2026_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTC2026 KEXIN-KTC2026_15 Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - KTC2026_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com