Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130150-0105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130150-0105
Description  100 Amp Watertite Pin and Sleeve Connector with Flip Lid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130150-0105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130150-0105 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130150-0105
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
100 Amp Watertite® Pin and Sleeve Connector with Flip Lid, 3 Pole/4 Wire, 250V,
Orange
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Wiring Devices
Series
130150
Comments
IEC Configuration 309-1/309-2
IP Rating
IP67
NEMA Configuration
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Name
Watertite®
Receptacle Type
Single
Specialty
Pin and Sleeve
Type
Connector
UPC
78678870963
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
Yes
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
100.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
4100C12W
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130150Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130150-0105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0106 MOLEX11-130150-0106 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Connector with Flip Lid, 3 Pole/4 Wire
130150-0107 MOLEX11-130150-0107 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Connector with Flip Lid, 3 Pole/4 Wire
130150-0108 MOLEX11-130150-0108 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Connector with Flip Lid
More results

Similar Description - 130150-0105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130150-0026 MOLEX11-130150-0026 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Connector with Flip Lid,
130150-0217 MOLEX11-130150-0217 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0108 MOLEX11-130150-0108 Datasheet
45Kb / 1P
   100 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0040 MOLEX11-130150-0040 Datasheet
45Kb / 1P
   20 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0188 MOLEX11-130150-0188 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0126 MOLEX11-130150-0126 Datasheet
45Kb / 1P
   20 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0190 MOLEX11-130150-0190 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0186 MOLEX11-130150-0186 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0267 MOLEX11-130150-0267 Datasheet
45Kb / 1P
   60 Amp Watertite Pin and Sleeve Connector with Flip Lid
130150-0129 MOLEX11-130150-0129 Datasheet
45Kb / 1P
   20 Amp Watertite Pin and Sleeve Connector with Flip Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com