Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC2983D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC2983D
Description  PITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2983D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC2983D_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTC2983D_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTC2983D_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTC2983D/L
Revision No : 3
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
0
20
40
0
20
f
- I
TC
C
COLLECTOR CURRENT I (A)
0.005
300
0
30
0.01
0.03
0.1
0.3
1
50
100
COMMON EMITTER
V =10V
Tc=25 C
CE
60
80 100 120 140 160 180
5
10
25
15
30
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
024
6
0.2
0
V
- I
CE(sat)
C
C
COLLECTOR CURRENT I (A)
13
0.003
1
10
300
0.003
3
1
COLLECTOR CURRENT I (A)
C
C
FE
h
- I
0.2
0
0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
810
12
14
16
0.4
0.6
0.8
1.0
COMMON
EMITTER
Tc=25 C
I =2mA
B
4mA
6mA
8mA
12mA
0mA
0.01
0.03
0.1
0.3
30
50
100
COMMON EMITTER
V =5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
0.01
0.03
0.1
0.3
0.03
0.05
0.1
0.3
0.5
COMMON EMITTER
I /I =10
C B
Tc=100
C
Tc=25 C
Tc=-25 C
0.4
0.6
0.8
1.0
1.2
1.4
0.4
0.6
0.8
1.0
COMMON
V =5V
CE
EMITTER
Tc=25 C
Ta=25 C
1
2
1
2


Similar Part No. - KTC2983D_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC2983D KEC-KTC2983D Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
More results

Similar Description - KTC2983D_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
A92Q SECOS-A92Q Datasheet
281Kb / 2P
   PNP Transistor Pitaxial Planar Transistor
logo
GTM CORPORATION
GMA92 GTM-GMA92 Datasheet
225Kb / 2P
   PNP PITAXIAL PLANAR TRANSISTOR
GMBCX53 GTM-GMBCX53 Datasheet
213Kb / 2P
   PNP SILICONE PITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
GMBCX53 ETC2-GMBCX53 Datasheet
213Kb / 2P
   PNP SILICONE PITAXIAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1815W SECOS-2SC1815W Datasheet
377Kb / 2P
   NPN Transistor Epitaxial Planar Transistor
BC817W SECOS-BC817W Datasheet
779Kb / 2P
   NPN Transistor Epitaxial Planar Transistor
logo
Hi-Sincerity Mocroelect...
H2N4124 HSMC-H2N4124 Datasheet
34Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2369 HSMC-HMBT2369 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC847 HSMC-HBC847 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HE8051 HSMC-HE8051 Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com