Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLO80100 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MLO80100
Description  Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MLO80100 Datasheet(HTML) 1 Page - Tyco Electronics

  MLO80100 Datasheet HTML 1Page - Tyco Electronics MLO80100 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Voltage Controlled Oscillator
EGSM 920 - 960 MHz
MLO80100-00940
V2.00
M/A-COM Ltd.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
MHz
920
960
Tuning Voltage (V
T)
2
V
+0.5
+4.5
RF Output Power3
920 - 960 MHz
dBm
-2.0
+2.0
Supply Voltage (V
CC)
4
V
+4.75
+5.00
+5.25
Supply Current (I
CC)mA
15
Phase Noise5
SSB at 100 KHz offset from carrier
dBc/Hz
-128
-125
Tuning Sensitivity
920 - 960 MHz
MHz/V
15
Tuning Linearity
920 - 960 MHz
Ratio
1.2
1.7
Modulation Bandwidth
3 dB bandwidth
MHz
2.0
Harmonic Outputs6
dBc
-15
Frequency Pushing
V
CC 4.75V to 5.25V
MHz/V
2.0
Frequency Pulling
1.5:1 VSWR load, all phases
MHz
2.0
Frequency Drift
MHz/°C
0.06
Tune Input Capacitance
pF
50
Electrical Specifications1, T
A = +25°C, VCC = +5 V (unless otherwise stated)
Features
Miniature Size
Surface Mount Package
Electrically Shielded
Low Phase Noise
Highly Linear Tuning
Description
The MLO80100-00940 is a fundamental single ended oscillator
designed for use in cost sensitive wireless and telemetry
applications. The device has been optimised by careful
selection of the bipolar transistor and varactor diode for low
phase noise and high linearity tuning characteristics.
The low profile surface mount package used provides for
electrical shielding, ease of assembly and repeatable
performance. M/A-COM’s surface mount manufacturing
techniques together with automatic assembly and electrical
testing ensure a high degree of electrical and mechanical
repeatability at low cost and in high volume. Manufacturing is
carried out in an ISO 9000 qualified facility.
LSM1 Package
q
q
q
q
q
1. All specifications apply with a 50 ohm load impedance.
2. Tuning voltages shown are the minimum and maximum voltages
required to tune the frequency range including temperature effects
-20°C to +70°C. Devices will oscillate normally with tuning voltages
from 0V to +10V.
3. Output power window includes unit to unit variation, temperature
effects -20°C to +70°C and frequency flatness (typically ±0.5 dB at
anyconstant temperature).
4. Devices may be operated at lower supply voltage with reduced per-
formance.
5. For typical phase noise at other offsets see phase noise curve.
6. No non-harmonic spurious visible when measured on a test system
with a dynamic range of 70 dB.
M/A-COM
PART NO.
DATE
VT
VCC
RF
IDENT
0.8
1.7
0.8
4.0
1.6
8.0
5.5
12.7
11.8
1
DETAIL A.
4
2
3
DETAIL A.
SOLDER RESIST


Similar Part No. - MLO80100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLO80100-00940 ETC-MLO80100-00940 Datasheet
100Kb / 2P
   Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz
logo
Tyco Electronics
MLO80100-01020 MACOM-MLO80100-01020 Datasheet
32Kb / 2P
   Surface Mount Voltage Controlled Oscillator EGSM 1000 - 1040 MHz
More results

Similar Description - MLO80100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLO80100-00940 ETC-MLO80100-00940 Datasheet
100Kb / 2P
   Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz
logo
Tyco Electronics
MLO80100-01020 MACOM-MLO80100-01020 Datasheet
32Kb / 2P
   Surface Mount Voltage Controlled Oscillator EGSM 1000 - 1040 MHz
logo
Skyworks Solutions Inc.
SKY73120-11 SKYWORKS-SKY73120-11 Datasheet
123Kb / 9P
   890-960 MHz Voltage Controlled Oscillator
logo
Mini-Circuits
ROS-2432-119++ MINI-ROS-2432-119+ Datasheet
243Kb / 2P
   Surface Mount Voltage Controlled Oscillator
JTOS-300P MINI-JTOS-300P Datasheet
207Kb / 2P
   Surface Mount Voltage Controlled Oscillator
ROS-1000PV MINI-ROS-1000PV Datasheet
237Kb / 2P
   Surface Mount Voltage Controlled Oscillator
logo
List of Unclassifed Man...
SMD914V ETC-SMD914V Datasheet
187Kb / 1P
   Surface Mount Voltage Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYR2060-5 SYNERGY-DCYR2060-5 Datasheet
305Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT
logo
Tyco Electronics
MLO81100-01650 MACOM-MLO81100-01650 Datasheet
97Kb / 2P
   Surface Mount Voltage Controlled Oscillator PCS 1600 - 1700 MHz
V42100 MACOM-V42100 Datasheet
92Kb / 2P
   Surface Mount Voltage Controlled Oscillator WLAN 2050 - 2150 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com