Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8265 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8265 Datasheet HTML 1Page - Richtek Technology Corporation RT8265 Datasheet HTML 2Page - Richtek Technology Corporation RT8265 Datasheet HTML 3Page - Richtek Technology Corporation RT8265 Datasheet HTML 4Page - Richtek Technology Corporation RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8265
2
DS8265-02 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
High Side Gate Drive Boost Input. BOOT supplies the drive for the high side
N-MOSFET switch. Connect a 10nF or greater capacitor from SW to BS to power the
high side switch.
2
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down converter
switches. Bypass VIN to GND with a suitable large capacitor to eliminate noise on the
input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is
required from SW to BS to power the high side switch.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
5
FB
Feedback Input. FB senses the output voltage to regulate said voltage. The feedback
reference voltage is 0.8V typically.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND to compensate the regulation
control loop. In some cases, an additional capacitor from COMP to GND is required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN higher
than 1.4V to turn on the regulator, lower than 0.4V to turn it off. If the EN pin is open, it
will be pulled to high by internal circuit.
8
SS
Soft-Start Control Input. SS controls the soft start period. Connect a capacitor from
SS to GND to set the soft-start period. A 0.1
μF capacitor sets the soft-start period to
10ms.
VOUT
R1 (k
Ω)
R2(k
Ω)
RC (kΩ)
CC (nF)
Cp (pF)
L1 (
μH)
15V
280
16
360
0.1
Open
4.7
10V
180
16
240
0.15
Open
4.7
8V
150
16
200
0.22
Open
4.7
5V
84.5
16
140
0.35
Open
4.7
3.3V
49.9
16
82
0.56
Open
4.7
2.5V
33
16
68
0.68
Open
4.7
1.8V
20
16
49.9
1
Open
4.7
1.2V
8.06
16
24
1.5
33
4.7
1.1V
6.04
16
24
1.5
33
4.7
Table 1. Recommended Component Selection


Similar Part No. - RT8265

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
   2A, 22V, 400kHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
   2A, 24V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
   3A, 24V, 400kHz Step-Down Converter
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
More results

Similar Description - RT8265

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
   The RT8274 is a high voltage buck converter
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
   58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
   58V Asynchronous Buck Converter
Rev.1.1
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
   3A, 12V, Asynchronous Buck Converter
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Major-Power Technology ...
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
   58V Asynchronous Buck Converter for POE
Rev.1.0
logo
Analog Devices
ADUM6010 AD-ADUM6010 Datasheet
486Kb / 16P
   The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com