Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8497 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8497
Description  Power MOSFET Integrated High Efficiency BCM LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8497 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8497 Datasheet HTML 2Page - Richtek Technology Corporation RT8497 Datasheet HTML 3Page - Richtek Technology Corporation RT8497 Datasheet HTML 4Page - Richtek Technology Corporation RT8497 Datasheet HTML 5Page - Richtek Technology Corporation RT8497 Datasheet HTML 6Page - Richtek Technology Corporation RT8497 Datasheet HTML 7Page - Richtek Technology Corporation RT8497 Datasheet HTML 8Page - Richtek Technology Corporation RT8497 Datasheet HTML 9Page - Richtek Technology Corporation RT8497 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT8497
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS8497-01
July
2015
6
Typical Operating Characteristics
Operating Current vs. Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
Supply Voltage (V)
GATE with 1nF
Operating Current vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
0
50
100
150
Temperature (°C)
VCC = 24V, GATE with 1nF
OVP vs. Temperature
30
31
32
33
34
35
36
37
38
39
40
-50
-30
-10
10
30
50
70
90
110 130 150
Temperature (°C)
UVLO vs. Temperature
0
2
4
6
8
10
12
14
16
18
20
-50
0
50
100
150
Temperature (°C)
UVLO_ON
UVLO_OFF
Sense Threshold vs. Supply Voltage
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
Supply Voltage (V)
Sense Threshold vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-50
0
50
100
150
Temperature (°C)
VCC = 24V


Similar Part No. - RT8497

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
RT8494GS RICHTEK-RT8494GS Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
RT8498GE RICHTEK-RT8498GE Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
More results

Similar Description - RT8497

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8487 RICHTEK-RT8487 Datasheet
781Kb / 13P
   High Efficiency BCM LED Driver Controller for High Power
logo
Kinetic Technologies.
KTD3122 KINETIC-KTD3122 Datasheet
810Kb / 20P
   High Efficiency Step-Up LED Driver with Integrated Power Diode
February 2016 - Revision 04d
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
   High Efficiency, High Power White-LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com