Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9038 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9038
Description  The RT9038 is a high-performance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9038 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9038 Datasheet HTML 1Page - Richtek Technology Corporation RT9038 Datasheet HTML 2Page - Richtek Technology Corporation RT9038 Datasheet HTML 3Page - Richtek Technology Corporation RT9038 Datasheet HTML 4Page - Richtek Technology Corporation RT9038 Datasheet HTML 5Page - Richtek Technology Corporation RT9038 Datasheet HTML 6Page - Richtek Technology Corporation RT9038 Datasheet HTML 7Page - Richtek Technology Corporation RT9038 Datasheet HTML 8Page - Richtek Technology Corporation RT9038 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9038
5
DS9038-02 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
(CIN = COUT = 1
μ/X7R, unless otherwise specified)
VIN = 2.5V, ILOAD = 50mA
EN Pin Shutdown Response
Time (100
μs/Div)
4
2
0
2
1
0
VOUT = 1.5V
Dropout Voltage vs. Load Current
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
300
Load Current (mA)
VOUT = 2.5V
125°C
25°C
−40°C
VIN = 2.5V, ILOAD = 75mA
Start Up
Time (5
μs/Div)
4
2
0
1.0
0.5
0
VOUT = 1.5V
VIN = 2.6V to 3.6V, ILOAD = 10mA
Line Transient Response
Time (100
μs/Div)
3.6
2.6
20
0
-20
VOUT = 1.5V
Quiescent Current vs. Temperature
10
12
14
16
18
20
22
24
26
28
30
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 2.5V
Output Voltage vs. Temperature
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 2.5V


Similar Part No. - RT9038

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
   Programmable Dual Output Linear Regulator
More results

Similar Description - RT9038

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
A2500R24C ANAREN-A2500R24C Datasheet
861Kb / 2P
   The A2500R24C is a high-performance
A2500R24A_EM1 ANAREN-A2500R24A_EM1 Datasheet
779Kb / 2P
   The A2500R24A-EM1 is a high-performance
A1101R09C-EM1 ANAREN-A1101R09C-EM1 Datasheet
709Kb / 2P
   The A1101R09C-EM1 is a high-performance
A2500R24C-EM1 ANAREN-A2500R24C-EM1 Datasheet
780Kb / 2P
   The A2500R24C-EM1 is a high-performance
A1101R08A-EM1 ANAREN-A1101R08A-EM1 Datasheet
737Kb / 2P
   The A1101R08A-EM1 is a high-performance
logo
Richtek Technology Corp...
RT2517A RICHTEK-RT2517A Datasheet
141Kb / 11P
   The RT2517A is a high performance positive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com