Electronic Components Datasheet Search |
|
RFSA3013PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices |
|
RFSA3013PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices |
3 / 17 page 3 of 17 RFSA3013 DS120419 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Parameter Specification Unit Condition Min. Typ. Max. Control con’t Voltage Control Pin Current (MODE high) 37 AVC Pin at 5V Voltage Control Pin Current (MODE low) 24 A VC Pin at 3.3V MODE Pin Logic Low 0.4 V MODE Pin Logic High 1 V Settling Time 15 sec 1dB attenuation change settling within 0.1dB Note: Typical performance at nominal conditions unless otherwise noted: Supply voltage = 5.0V, Operating temperature = 25°C, RF Frequency 1GHz |
Similar Part No. - RFSA3013PCK-410 |
|
Similar Description - RFSA3013PCK-410 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |