Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA3043 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA3043
Description  75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3043 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA3043 Datasheet HTML 1Page - RF Micro Devices RFSA3043 Datasheet HTML 2Page - RF Micro Devices RFSA3043 Datasheet HTML 3Page - RF Micro Devices RFSA3043 Datasheet HTML 4Page - RF Micro Devices RFSA3043 Datasheet HTML 5Page - RF Micro Devices RFSA3043 Datasheet HTML 6Page - RF Micro Devices RFSA3043 Datasheet HTML 7Page - RF Micro Devices RFSA3043 Datasheet HTML 8Page - RF Micro Devices RFSA3043 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140619
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 18
RFSA3043
Parameter
Specification
Unit
Condition
Min
Typ
Max
Input IH3
55
dBm
PIN + (H3dBc/2), H3 is third harmonic
Composite Performance
VDD = 5V, VC = 3.5V, Temp = +25°C
CSO
-80
dBc
55.25MHz to 865.25MHz, 132 channel, +38dBmV input flat tilt
CTB
-75
dBc
XMOD
-70
dBc
Control
Voltage Control Range, Positive
Attenuation Slope
0
5
V
5V control voltage is lowest insertion loss, MODE pin high
Voltage Control Range, Negative
Attenuation Slope
0
5
V
0V control voltage is lowest insertion loss, MODE pin low
Voltage Control Pin Current
(MODE High)
37
µA
VC Pin at 5V
Voltage Control Pin Current
(MODE Low)
37
µA
VC Pin at 5V
MODE Pin Logic Low
0.4
V
MODE Pin Logic High
1
V
Settling Time
10
µSec
1dB attenuation change settling with 0.1dB
Note: Typical performance conditions unless otherwise specified: +25°C, 1000MHz, 5V supply voltage


Similar Part No. - RFSA3043

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
RFSA3043PCK-410 QORVO-RFSA3043PCK-410 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
RFSA3043SQ QORVO-RFSA3043SQ Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
RFSA3043SR QORVO-RFSA3043SR Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
RFSA3043TR7 QORVO-RFSA3043TR7 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
More results

Similar Description - RFSA3043

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
   75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
   75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
   75廓 SP2T RF Switch 5MHz to 3000MHz
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
   75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
RF Micro Devices
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com