Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1704V-C1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1704V-C1
Description  800MHz BAND FRONT-END GaAs MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704V-C1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1704V-C1 Datasheet HTML 1Page - New Japan Radio NJG1704V-C1 Datasheet HTML 2Page - New Japan Radio NJG1704V-C1 Datasheet HTML 3Page - New Japan Radio NJG1704V-C1 Datasheet HTML 4Page - New Japan Radio NJG1704V-C1 Datasheet HTML 5Page - New Japan Radio NJG1704V-C1 Datasheet HTML 6Page - New Japan Radio NJG1704V-C1 Datasheet HTML 7Page - New Japan Radio NJG1704V-C1 Datasheet HTML 8Page - New Japan Radio NJG1704V-C1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NJG1704V
- 1 -
800MHz BAND FRONT-END GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1704V is a front-end GaAs MMIC including
a LNA, local amplifier and MIXER, designed mainly
for 800MHz band cellular phone.
NJG1704V exhibits low noise of 1.7dB at low total
current consumption of 9.0mA.
nFEATURES
lLow voltage operation
+2.7V typ.
lLow current consumption
9mA typ.
lHigh conversion gain
28dB typ. @f
RF=820MHz, PRF=-50dBm, fLO=690MHz, PLO=-10dBm
lLow noise figure
1.7dB typ. @f
RF=820MHz, fLO=690MHz, PLO=-10dBm
lHigh IIP3
-14dBm typ. @f
RF=820.0+820.1MHz, fLO=690MHz, PLO=-10dBm
lPackage
SSOP10
nPIN CONFIGURATION
Pin Connection
1.LNAIN
2.LNACAP
3.GND
4.IFOUT
5.VLO
6.LOIN
7.GND
8.MIXIN
9.GND
10.LNAOUT
1
2
3
4
5
6
7
8
9
10
NJG1704V
V TYPE
(Top View)


Similar Part No. - NJG1704V-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C3 NJRC-NJG1704KC1-C3 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C4 NJRC-NJG1704KC1-C4 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1704V-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
   800mhZ band mixer gAaS mmic
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com