Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1004MB Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF1004MB
Description  MICROWAVE POWER TRANSISTORS NPN SILICON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1004MB Datasheet(HTML) 5 Page - Tyco Electronics

  MRF1004MB Datasheet HTML 1Page - Tyco Electronics MRF1004MB Datasheet HTML 2Page - Tyco Electronics MRF1004MB Datasheet HTML 3Page - Tyco Electronics MRF1004MB Datasheet HTML 4Page - Tyco Electronics MRF1004MB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE DIMENSIONS
CASE 332A–03
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. BASE
2. EMITTER
3. BASE
4. COLLECTOR
K
F
D
SEATING
1
4
3
2
PLANE
H
A
J
C
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.270
0.290
6.86
7.36
C
0.115
0.135
2.93
3.42
D
0.195
0.205
4.96
5.20
F
0.095
0.105
2.42
2.66
H
0.050
0.070
1.27
1.77
J
0.003
0.007
0.08
0.17
K
0.600
---
15.24
---
5
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 8


Similar Part No. - MRF1004MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
logo
Advanced Semiconductor
MRF1004MB ASI-MRF1004MB Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor
MRF1004MB MA-COM-MRF1004MB_15 Datasheet
170Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor
MRF1004MB MA-COM-MRF1004MB_17 Datasheet
576Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF1004MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
   NPN microwave power transistors
1997 Mar 03
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com