Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3A02X8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN3A02X8
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3A02X8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN3A02X8_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN3A02X8_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN3A02X8_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN3A02X8_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN3A02X8_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN3A02X8_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN3A02X8_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SUMMARY
V(BR)DSS=30V; RDS(ON)=0.025
ID=6.7A
DESCRIPTION
This new generation of TRENCH MOSFETs from Zetex utilizes a unique structure
that combines the benefits of low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage, power management
applications.
FEATURES
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
Low profile SOIC package
APPLICATIONS
DC - DC Converters
Power Management Functions
Disconnect switches
Motor control
DEVICE MARKING
ZXMN
3A02
ZXMN3A02X8
ISSUE 1 - JANUARY 2002
1
30V N-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMN3A02X8TA
7”
12mm
1000 units
ZXMN3A02X8TC
13”
12mm
4000 units
ORDERING INFORMATION
Top View


Similar Part No. - ZXMN3A02X8_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A02X8TA ZETEX-ZXMN3A02X8TA Datasheet
450Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A02X8TA DIODES-ZXMN3A02X8TA Datasheet
460Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN3A02X8TC ZETEX-ZXMN3A02X8TC Datasheet
450Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A02X8TC DIODES-ZXMN3A02X8TC Datasheet
460Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN3A02X8_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com