Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3A03E6TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN3A03E6TA
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3A03E6TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN3A03E6TA Datasheet HTML 1Page - Diodes Incorporated ZXMN3A03E6TA Datasheet HTML 2Page - Diodes Incorporated ZXMN3A03E6TA Datasheet HTML 3Page - Diodes Incorporated ZXMN3A03E6TA Datasheet HTML 4Page - Diodes Incorporated ZXMN3A03E6TA Datasheet HTML 5Page - Diodes Incorporated ZXMN3A03E6TA Datasheet HTML 6Page - Diodes Incorporated ZXMN3A03E6TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXMN3A03E6
Datasheet Number: DS33531 Rev. 4 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXMN3A03E6
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
Max RDS(ON)
Max ID
TA = +25C
30V
0.050
 @ VGS = 10V
4.6A
Description and Applications
This new generation of TRENCH MOSFET from Zetex utilizes a
unique structure that combines the benefits of low on-resistance with
fast switching speed. This makes them ideal for high efficiency, low
voltage, power management applications.
DC - DC converters
Power Management Functions
Disconnect Switches
Motor Control
Features and Benefits
Low On-resistance
Fast Switching Speed
Low Threshold
Low Gate Drive
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.015 grams (Approximate)
Ordering Information (Note 4)
Part Number
Reel Size (inch)
Tape Width (mm)
Quantity Per Reel
ZXMN3A03E6TA
7
8
3000
ZXMN3A03E6TC
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Pinout Top-view
Device Symbol
SOT26
3A3 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M or M = Month (ex: 9 = September)
3A3


Similar Part No. - ZXMN3A03E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A03E6TA ZETEX-ZXMN3A03E6TA Datasheet
926Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A03E6TA ZETEX-ZXMN3A03E6TA Datasheet
190Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A03E6TA DIODES-ZXMN3A03E6TA Datasheet
196Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN3A03E6TA VBSEMI-ZXMN3A03E6TA Datasheet
483Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXMN3A03E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com