Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA3523 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA3523
Description  5MHz to 6000MHz, Digital Step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3523 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA3523 Datasheet HTML 1Page - RF Micro Devices RFSA3523 Datasheet HTML 2Page - RF Micro Devices RFSA3523 Datasheet HTML 3Page - RF Micro Devices RFSA3523 Datasheet HTML 4Page - RF Micro Devices RFSA3523 Datasheet HTML 5Page - RF Micro Devices RFSA3523 Datasheet HTML 6Page - RF Micro Devices RFSA3523 Datasheet HTML 7Page - RF Micro Devices RFSA3523 Datasheet HTML 8Page - RF Micro Devices RFSA3523 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 16
RFSA3523
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Performance
– Continued
Switching Speed
120
nsec
50% control to 10%/90% RF
Successive Step Phase Delta
2
Deg
2000MHz
Control
Digital Logic Low
0.63
V
Digital Logic High
1.17
V
Note: Typical performance at these conditions: Temp = +25°C, 2000MHz, 5V Supply Voltage


Similar Part No. - RFSA3523

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513PCK-410 RFMD-RFSA3513PCK-410 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513SQ RFMD-RFSA3513SQ Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513SR RFMD-RFSA3513SR Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513TR7 RFMD-RFSA3513TR7 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3523

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
   Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com