Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA3523 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3523
Description  5MHz to 6000MHz, Digital Step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3523 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3523 Datasheet HTML 1Page - RF Micro Devices RFSA3523 Datasheet HTML 2Page - RF Micro Devices RFSA3523 Datasheet HTML 3Page - RF Micro Devices RFSA3523 Datasheet HTML 4Page - RF Micro Devices RFSA3523 Datasheet HTML 5Page - RF Micro Devices RFSA3523 Datasheet HTML 6Page - RF Micro Devices RFSA3523 Datasheet HTML 7Page - RF Micro Devices RFSA3523 Datasheet HTML 8Page - RF Micro Devices RFSA3523 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 16
RFSA3523
RFSA3523
5MHz to 6000MHz, Digital Step Attenuator
The
RFMD’s RFSA3523 is a 5-bit digital step attenuator
(DSA) that features high linearity over the entire 15.5dB gain
control range with 0.5dB steps. The RFSA3523 uses serial
control interface. The RFSA3523 has a low insertion loss of
1.4dB at 2GHz. Patent pending circuit architecture provides
overshoot-free transient switching performance. External
address pins allow up to eight DSAs to be controlled on a
single bus. The RFSA3523 is available in a 3mm x 3mm QFN
package.
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
5-BIT DSA
LOGIC CONTROL
VDD
A0
GND
RFIN
LE
GND
GND
RFOUT
Functional Block Diagram
Ordering Information
RFSA3523SQ
Sample bag with 25 pieces
RFSA3523SR
7" Reel with 100 pieces
RFSA3523TR7
7" Reel with 2500 pieces
RFSA3523PCK-410
5MHz to 6000MHz PCBA with 5-piece sample bag
Package: QFN, 16-Pin,
3.0mm x 3.0mm x 0.85mm
Features
5-Bit, 15.5dB Range, 0.5dB Step
Patent Pending Circuit Architecture
Overshoot-free Transient
Switching Performance
Frequency Range 5MHz to
6000MHz
High Linearity, IIP3 >55dBm
Serial Control Interface
Fast Switching Speed, <120nsec
Typical
Serial Addressable Supports Up to
Eight Addresses
Single Supply 3V to 5V Operation
RF Pins Have No DC Voltage, Can
be DC Grounded Externally
Power-up Default Setting Is
Maximum Attenuation
Applications
2G through 4G Base Stations
Point-to-Point
WiMax/WiFi
Test Equipment
RFSA3523


Similar Part No. - RFSA3523

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513PCK-410 RFMD-RFSA3513PCK-410 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513SQ RFMD-RFSA3513SQ Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513SR RFMD-RFSA3513SR Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3513TR7 RFMD-RFSA3513TR7 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3523

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
   Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com