Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3423 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3423
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3423 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3423_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3423_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3423_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007. 3. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC3423
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
AUDIO FREQUENCY AMPLIFIER APPLICATION.
FEATURES
High Breakdown Voltage : VCEO=150V(Min.).
Low Output Capacitance : Cob=5.0pF(Max.).
High Transition Frequency : fT=120MHz(Typ.).
Complementary to KTA1360.
MAXIMUM RATING (Ta=25
)
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.50 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE Classification O:70 140, Y:120 240
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Emitter Current
IE
-50
mA
Base Current
IB
5
mA
Collector Power
Dissipation
Ta=25
PC
1.5
W
Tc=25
5
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=150V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
A
DC Current Gain
hFE(Note)
VCE=5V, IC=10mA
70
-
240
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=1mA
-
-
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=10mA, IB=1mA
-
-
1.0
V
Transition Frequency
fT
VCE=30V, IC=10mA
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
3.5
5.0
pF


Similar Part No. - KTC3423_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3423 KEC-KTC3423 Datasheet
400Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
More results

Similar Description - KTC3423_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com