Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A08G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN6A08G
Description  60V SOT223 N-channel enhancement mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN6A08G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN6A08G_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN6A08G_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN6A08G_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN6A08G_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN6A08G_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN6A08G_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN6A08G_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN6A08G
Document Number DS33550 Rev. 2 - 2
2 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXMN6A08G
Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
VGS = 10V
TA = +25°C (Note 6)
ID
5.3
A
TA = +70°C (Note 6)
4.2
A
TA = +25°C (Note 5)
3.8
A
Pulsed Drain Current (Note 7)
IDM
20
A
Continuous Source Current (body diode)( Note 6)
IS
2.1
A
Pulsed Source Current (body diode)( Note 7)
ISM
20
A
Power Dissipation at TA = +25°C (Note 5)
Linear Derating Factor
PD
2
16
W
mW/°C
Power Dissipation at TA = +25°C (Note 6)
Linear Derating Factor
PD
3.9
31
W
mW/°C
Linear Derating Factor
TJ, TSTG
-55 to +150
°C
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Junction to Ambient (Note 5)
RθJA
62.5
°C/W
Junction to Ambient (Note 6)
RθJA
32
°C/W
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID =250µA
Zero Gate Voltage Drain Current
IDSS
0.5
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1
-
V
VDS = VGS, ID = 250µA
Static Drain-Source On-State Resistance (Note 8)
RDS (ON)
0.08
VGS = 10V, ID = 4.8A
0.15
VGS = 4.5V, ID = 4.2A
Forward Transconductance (Notes 8 &10)
gfs
6.6
S
VDS =15V,ID =4.8A
DYNAMIC CHARACTERISTICS
(Note 10)
Input Capacitance
Ciss
459
pF
VDS = 40V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
44.2
pF
Reverse Transfer Capacitance
Crss
24.1
pF
Turn-On Delay Time (Note 9)
tD(on)
2.6
ns
VDD = 30V, ID=1.5A
RG
≅ 6.0 , VGS= 10V
Turn-On Rise Time (Note 9)
tr
2.1
ns
Turn-Off Delay Time (Note 9)
tD(off)
12.3
ns
Turn-Off Fall Time (Note 9)
tf
4.6
ns
Gate Charge (Note 9)
Qg
4.0
nC
VDS= 30V, VGS= 5V
ID= 1.4A
Total Gate Charge (Note 9)
Qg
5.8
nC
VDS= 30V, VGS= 10V
ID= 1.4A
Gate-Source Charge (Note 9)
Qgs
1.4
nC
Gate Drain Charge (Note 9)
Qgd
1.9
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (Note 8)
VSD
0.88
1.2
V
Tj=+25°C, IS= 4A,
VGS=0V
Reverse Recovery Time (Note 10)
trr
19.2
ns
Tj=+25°C, IS= 1.4A,
di/dt=100A/µs
Reverse Recovery Charge (Note 10)
Qrr
30.3
nC
Notes:
5. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. For a device surface mounted on FR4 PCB measured at t <= 10 sec.
7. Repetitive rating - 25mm x 25mm FR4 PCB, D=0.02, pulse width 300_s - pulse width limited by maximum junction temperature.
8. Measured under pulsed conditions. Pulse width <= 300_s; duty cycle <=2%.
9. Switching characteristics are independent of operating junction temperature.
10. For design aid only, not subject to production testing.


Similar Part No. - ZXMN6A08G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A08GQ DIODES-ZXMN6A08GQ Datasheet
863Kb / 7P
   60V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 2 - 2
ZXMN6A08GQTA DIODES-ZXMN6A08GQTA Datasheet
863Kb / 7P
   60V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 2 - 2
ZXMN6A08GQTC DIODES-ZXMN6A08GQTC Datasheet
863Kb / 7P
   60V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 2 - 2
logo
Zetex Semiconductors
ZXMN6A08GTA ZETEX-ZXMN6A08GTA Datasheet
445Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A08GTA DIODES-ZXMN6A08GTA Datasheet
452Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
More results

Similar Description - ZXMN6A08G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A25G DIODES-ZXMN6A25G Datasheet
665Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G DIODES-ZXMN6A09G Datasheet
564Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25G ZETEX-ZXMN6A25G Datasheet
654Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G ZETEX-ZXMN6A09G_07 Datasheet
525Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A08GQ DIODES-ZXMN6A08GQ Datasheet
863Kb / 7P
   60V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 2 - 2
logo
Zetex Semiconductors
ZXMN6A08G ZETEX-ZXMN6A08G Datasheet
445Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A08G DIODES-ZXMN6A08G Datasheet
452Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A25G DIODES-ZXMN6A25G_15 Datasheet
637Kb / 7P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A11G ZETEX-ZXMN6A11G_06 Datasheet
591Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN10A08G ZETEX-ZXMN10A08G Datasheet
440Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com