Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5806PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF5806PBF
Description  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5806PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF5806PBF_15 Datasheet HTML 1Page - International Rectifier IRF5806PBF_15 Datasheet HTML 2Page - International Rectifier IRF5806PBF_15 Datasheet HTML 3Page - International Rectifier IRF5806PBF_15 Datasheet HTML 4Page - International Rectifier IRF5806PBF_15 Datasheet HTML 5Page - International Rectifier IRF5806PBF_15 Datasheet HTML 6Page - International Rectifier IRF5806PBF_15 Datasheet HTML 7Page - International Rectifier IRF5806PBF_15 Datasheet HTML 8Page - International Rectifier IRF5806PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF5806PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
116 174
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
90
135
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
––– –––
––– ––– -16.5
-2.0
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.011 –––
V/°C Reference to 25°C, ID = -1mA
––– 47.1
86
VGS = -4.5V, ID = -4.0A
‚
––– 67.5 147
VGS = -2.5V, ID = -3.0A
‚
VGS(th)
Gate Threshold Voltage
-0.45 ––– -1.2
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
6.4
–––
–––
S
VDS = -10V, ID = -4.0A
––– –––
-15
VDS = -16V, VGS = 0V
––– –––
-25
VDS = -16V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 12V
Qg
Total Gate Charge
–––
8.3 11.4
ID = -4.0A
Qgs
Gate-to-Source Charge
–––
1.2
–––
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.6
–––
VGS = -4.5V
td(on)
Turn-On Delay Time
–––
6.2
9.3
VDD = -10V, VGS = -4.5V
tr
Rise Time
–––
27
41
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
94
140
RG = 6.0Ω
tf
Fall Time
––– 126
190
RD = 10Ω
‚
Ciss
Input Capacitance
––– 594
–––
VGS = 0V
Coss
Output Capacitance
––– 114
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
87
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ When mounted on 1 inch square Copper board, t ≤ 10sec.
S
D
G


Similar Part No. - IRF5806PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5806PBF IRF-IRF5806PBF Datasheet
203Kb / 9P
   Ultra Low On-Resistance
More results

Similar Description - IRF5806PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com