Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6201PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6201PBF
Description  Battery operated DC motor inverter MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6201PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6201PBF_15 Datasheet HTML 1Page - International Rectifier IRF6201PBF_15 Datasheet HTML 2Page - International Rectifier IRF6201PBF_15 Datasheet HTML 3Page - International Rectifier IRF6201PBF_15 Datasheet HTML 4Page - International Rectifier IRF6201PBF_15 Datasheet HTML 5Page - International Rectifier IRF6201PBF_15 Datasheet HTML 6Page - International Rectifier IRF6201PBF_15 Datasheet HTML 7Page - International Rectifier IRF6201PBF_15 Datasheet HTML 8Page - International Rectifier IRF6201PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6201PbF
6
Fig 13. Typical On-Resistance vs. Drain
Current
Fig 12. Typical On-Resistance vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
1
2
3
4
5
6
7
8
9 10 11 12
VGS, Gate -to -Source Voltage (V)
1
2
3
4
5
ID = 27A
TJ = 25°C
TJ = 125°C
0
50
100
150
200
ID, Drain Current (A)
1.0
1.5
2.0
2.5
3.0
Vgs = 2.5V
Vgs = 4.5V
QG
QGS
QGD
VG
Charge
VGS


Similar Part No. - IRF6201PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6201PBF IRF-IRF6201PBF Datasheet
252Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRF6201PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com