Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6216PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6216PBF
Description  Reset Switch for Active Clamp Reset DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6216PBF_15 Datasheet HTML 1Page - International Rectifier IRF6216PBF_15 Datasheet HTML 2Page - International Rectifier IRF6216PBF_15 Datasheet HTML 3Page - International Rectifier IRF6216PBF_15 Datasheet HTML 4Page - International Rectifier IRF6216PBF_15 Datasheet HTML 5Page - International Rectifier IRF6216PBF_15 Datasheet HTML 6Page - International Rectifier IRF6216PBF_15 Datasheet HTML 7Page - International Rectifier IRF6216PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
06/06/05
IRF6216PbF
SMPS MOSFET
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
-2.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
-1.9
A
IDM
Pulsed Drain Current

-19
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
7.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through „ are on page 8
PD - 95293
SO-8
VDSS
RDS(on) max
ID
-150V
0.240
W@VGS =-10V -2.2A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l Reset Switch for Active Clamp Reset
DC-DC converters
l Lead-Free
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S


Similar Part No. - IRF6216PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6216PBF-1 IRF-IRF6216PBF-1 Datasheet
199Kb / 8P
   Industry-standard pinout SO-8 Package
IRF6216PBF-1 IRF-IRF6216PBF-1_15 Datasheet
199Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRF6216PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218PBF IRF-IRF6218PBF_15 Datasheet
142Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6217PBF IRF-IRF6217PBF_15 Datasheet
130Kb / 8P
   Reset Switch for Active Clamp Reset DC to DC converters
IRF6217 IRF-IRF6217 Datasheet
105Kb / 8P
   HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
List of Unclassifed Man...
BH6557FV ETC-BH6557FV Datasheet
249Kb / 2P
   DC/DC ConverterReset
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com