Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A11G Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN6A11G
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN6A11G Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN6A11G_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 7Page - Diodes Incorporated ZXMN6A11G_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMN6A11G
Document number: DS33556 Rev. 6 - 2
4 of 8
www.diodes.com
March 2015
© Diodes Incorporated
ZXMN6A11G
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 250A, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
ID = 250A, VDS = VGS
Static Drain-Source On-Resistance (Note 6)
RDS (ON)
0.105
0.120
VGS = 10V, ID = 2.5A
0.150
0.180
VGS = 4.5V, ID = 2A
Forward Transconductance (Notes 6 & 7)
gfs
4.9
S
VDS = 15V, ID = 2.5A
Diode Forward Voltage (Note 6)
VSD
0.85
0.95
V
IS = 2.8A, VGS = 0V, TJ = +25°C
Reverse Recovery Time (Note 7)
trr
21.5
ns
IS = 2.8A, di/dt = 100A/µs
TJ = +25°C
Reverse Recovery Charge (Note 7)
Qrr
20.5
nC
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
330
pF
VDS = 40V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
35.2
Reverse Transfer Capacitance
Crss
17.1
Gate Charge (Note 8)
Qg
3.0
nC
VGS = 4.5V
VDS = 15V
ID = 2.5A
Total Gate Charge (Note 8)
Qg
5.7
VGS = 10V
Gate-Source Charge (Note 8)
Qgs
1.25
Gate-Drain Charge (Note 8)
Qgd
0.86
Turn-On Delay Time (Note 8)
tD(on)
1.95
ns
VDD = 30V, ID = 2.5A,
RG = 6, VGS = 10V
Turn-On Rise Time (Note 8)
tr
3.5
Turn-Off Delay Time (Note 8)
tD(off)
8.2
Turn-Off Fall Time (Note 8)
tf
4.6
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300µs; duty cycle ≤ 2%.
7. For design aid only, not subject to production testing.
8. Switching characteristics are independent of operating junction temperature.


Similar Part No. - ZXMN6A11G_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A11GFTA ZETEX-ZXMN6A11GFTA Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A11GFTC ZETEX-ZXMN6A11GFTC Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A11GTA ZETEX-ZXMN6A11GTA Datasheet
591Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A11GTA DIODES-ZXMN6A11GTA Datasheet
620Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN6A11GTA VBSEMI-ZXMN6A11GTA Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMN6A11G_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com