Selected language     English  ā–¼


KTD718B Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD718B
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2005. 3. 14
2/2
KTD718B
Revision No : 1
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
10
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
I
- V
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0.01
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I
(A)
C
V
- I
0
CCE
2
4
6
8
10
12
14
2
4
6
8
10
12
COMMON EMITTER
Tc=25 C
400
300
200
100
50
I =20mA
0
B
FE
C
13
10
30
50
100
300
500
1k
COMMON EMITTER
V
=5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
CE(sat)
C
13
10
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =10
C
B
Tc=
100
C
Tc=25 C
Tc=-25 C
40
80
120
160
200
240
20
40
60
80
100
Ta=Tc
INFINITE HEAT SINK
300
x300x2mm Al
HEAT SINK
200
x200x2mm Al
HEAT SINK
100
x100x2mm Al
HEAT SINK
NO HEAT SINK
1
2
3
4
5
1
2
3
4
5
SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE V
(V)
1
3
10
30
0.1
CE
100
300
0.3
1
3
10
30
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WIHT INCREASE
IN TEMPERATURE.
*
I
MAX(PULSED)
C
C
I
MAX(CONTINUOUS)
*
t=1mS
10mS
100mS
*
*
*
500mS
DC
OPERATIO
N
Tc=25
C
*




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl