Selected language     English  ▼


KTD998_15 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTD998_15
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 1 page
background image
2009. 10. 7
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD998
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 2
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
・Recommended for 45~50W Audio Frequency
Amplifier Output Stage.
・Complementary to KTB778.
MAXIMUM RATING (Ta=25℃)
DIM MILLIMETERS
A
1. BASE
2. COLLECTOR
3. EMITTER
16.30 MAX
4.00
2.00
2.20 MAX
3.05 MAX
TO-3P(H)IS
A
N
M
D
O O
H
12.00 0.30
5.50 0.20
1.20 MAX
8.00
5.00
17.00 0.30
0.60+0.15/-0.10
20.0 0.1
5.45
3.50
1.00
3.00 0.20
37.0
42.0
K
R
C
1 2 3
U
W
V
W
I
B
C
D
E
F
G
H
J
K
L
M
N
O
P
Q
R
S
2.50
I
T
U
Φ3.40+0.15/-0.10
V
10
W
8
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : hFE Classification R:55~110, O:80~160
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
10
A
Pulse
ICP
15
Base Current
IB
1
A
Collector Power Dissipation (Tc=25℃)
PC
80
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=120V, IE=0
-
-
10
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
10
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=50mA, IB=0
120
-
-
V
DC Current Gain
hFE (Note)
VCE=5V, IC=1A
55
-
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=0.5A
-
-
2.5
V
Base-Emitter Voltage
VBE
VCE=5V, IC=5A
-
-
1.5
V
Transition Frequency
fT
VCE=5V, IC=1A
-
12
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
170
-
pF




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl