Selected language     English  ā–¼


KTD1047_15 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KTD1047_15
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 3 page
background image
1999. 11. 16
3/3
KTD1047
Revision No : 1
0.1
30
10
3
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
COLLECTOR-BASE VOLTAGE V
(V)
1
10
3
3 0
100
C
- V
ob
CB
CB
10
30
50
100
300
500
1k
f=1MHz
100
300
1k
0.3
0.5
1
3
5
10
30
50
100
100m
S




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl