Selected language     English  ā–¼


KTD1047B_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1047B_15
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2011. 3. 18
2/3
KTD1047B
Revision No : 0
0
C
BASE-EMITTER VOLTAGE V
(V)
I - V
BE
0
I - V
CCE
CE
COLLECTOR EMITTER VOLTAGE V
(V)
0
0
2
V
- I
BE(sat)
C
C
COLLECTOR CURRENT I
(A)
0.1
0.3
3
1
0.1
1
3
1
0.3
0.1
COLLECTOR CURRENT I
(A)
C
C
FE
h
- I
1
13
0.3
0.1
COLLECTOR CURRENT I
(A)
C
C
T
f
- I
10
20
30
40
50
4
6
8
10
240mA
200mA
160mA
120mA
80mA
40mA
20mA
I =0
B
COLLECTOR CURRENT I
(A)
V
- I
CE(sat)
C
0.1
0.01
0.3
1
C
10
30
100
3
5
10
30
50
100
300
500
1k
35
10
0.03
0.05
0.1
0.3
0.5
1
3
5
10
V
=5V
CE
I /I =10
C B
10
0.3
0.5
1
3
5
10
I /I =10
C B
BE
0.4
0.8
1.2
1.6
1
2
3
4
5
6
7
8
V
=5V
CE
10
3
5
10
30
50
100
V
=5V
CE
0.5
0.5
5
0.5
5




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl