Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6216PBF-1 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6216PBF-1
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF-1 Datasheet(HTML) 3 Page - International Rectifier

  IRF6216PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF6216PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF6216PbF-1
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.01
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
T = 25
C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.1
1
10
100
0.1
1
10
100
20μs PULSE WIDTH
T = 150
C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.1
1
10
100
5.0
5.5
6.0
6.5
7.0
7.5
8.0
V
= -50V
20μs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 150
C
J
°
T = 25
C
J
°
-60
-40
-20
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
-10V
-2.2A


Similar Part No. - IRF6216PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6216PBF-1 IRF-IRF6216PBF-1 Datasheet
199Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF6216PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com