Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1707PG1-C10 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1707PG1-C10
Description  800MHz TDMA FRONT-END GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1-C10 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1707PG1-C10 Datasheet HTML 7Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 8Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 9Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 10Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 11Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 12Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 13Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 14Page - New Japan Radio NJG1707PG1-C10 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NJG1707PG1
- 11 -
nTYPICAL CHARACTERISTICS (LNA)
Measured on the PCB evaluation circuit.
-80
-70
-60
-50
-40
-30
100
200
300
400
500
600
700
800
900 1000
ANT SW - LNA OUT Isolation vs. Frequency
Frequency (MHz)
( RX and LNAin :50ohm terminated,V
DD
=3.5V , V
SS
=0V)
RX-EXT2 Thru
RX-ANT2 Thru
RX-EXT1 Thru
RX-ANT1 Thru
14
15
16
17
18
19
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
LNA Gain,NF vs. V
DD3
V
DD3
(V)
NF
Gain
(f=820MHz)
-10
-8
-6
-4
-2
0
2
4
4
6
8
10
12
14
16
18
2.5
3
3.5
4
4.5
5
LNA IIP3,OIP3 vs. V
DD3
V
DD3
(V)
IIP3
OIP3
(f=820+820.1MHz,Pin=-30dBm)
2
2.5
3
3.5
4
4.5
5
-6
-4
-2
0
2
4
6
2.5
3
3.5
4
4.5
5
LNA I
DD3
,P-1dB vs. V
DD3
V
DD3
(V)
I
DD3
P-1dB
(f=820MHz)
14
15
16
17
18
19
1
1.2
1.4
1.6
1.8
2
750
800
850
900
950
LNA NF,Gain vs. Frequency
Frequency (MHz)
GAIN
NF
(V
DD3
=2.7V,I
DD3
=2.7mA)
-70
-60
-50
-40
-30
-20
-10
0
10
-40
-35
-30
-25
-20
-15
-10
-5
0
LNA Pout,IM3 vs. Pin
Input Power (dBm)
(V
DD3
=2.7V,I
DD3
=2.7mA,f=820+820.1MHz)
Pout
IM3


Similar Part No. - NJG1707PG1-C10

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1707PG1-C10

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com