Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJL5190K Datasheet(PDF) 3 Page - New Japan Radio

Part # NJL5190K
Description  GENERAL PURPOSE PHOTO REFLECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL5190K Datasheet(HTML) 3 Page - New Japan Radio

  NJL5190K Datasheet HTML 1Page - New Japan Radio NJL5190K Datasheet HTML 2Page - New Japan Radio NJL5190K Datasheet HTML 3Page - New Japan Radio NJL5190K Datasheet HTML 4Page - New Japan Radio NJL5190K Datasheet HTML 5Page - New Japan Radio NJL5190K Datasheet HTML 6Page - New Japan Radio NJL5190K Datasheet HTML 7Page - New Japan Radio NJL5190K Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJL5190K/92K
- 3 -
Aluminum
Evaporation
Surface
0.7mm
V
0.7mm
CE
I F
I O
Aluminum
Evaporation
Surface
V CE
I F
I O
s MEASURING SPECIFICATION FOR OUTPUT CURRENT
The output current can be measured when reflected at the aluminum
NJL5190K
NJL5192K
s MEASURING CIRCUIT FOR OPERATING DARK CURRENT
NJL5190K
NJL5192K
s MEASURING SPECIFICATION FOR EDGE RESPONSE
V
Light Sealed Dark Box
CE
IF
ICEOD
V
Light Sealed Dark Box
CE
IF
ICEOD
d=0.7mm
Aluminum Evaporation Surface
Edge
Lead
l


Similar Part No. - NJL5190K

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5191K NJRC-NJL5191K Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F1 NJRC-NJL5191K-F1 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F10 NJRC-NJL5191K-F10 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F2 NJRC-NJL5191K-F2 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F3 NJRC-NJL5191K-F3 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
More results

Similar Description - NJL5190K

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5194K NJRC-NJL5194K Datasheet
305Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5196K NJRC-NJL5196K Datasheet
382Kb / 10P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5198K NJRC-NJL5198K Datasheet
289Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K NJRC-NJL5191K Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
logo
Marktech Corporate
MTRS1060 MARKTECH-MTRS1060 Datasheet
100Kb / 2P
   Photo Reflector
logo
New Japan Radio
NJL5175K NJRC-NJL5175K Datasheet
262Kb / 8P
   PHOTO REFLECTOR?
NJL5181K NJRC-NJL5181K Datasheet
317Kb / 10P
   PHOTO REFLECTOR?
logo
Marktech Corporate
MTRS6140T MARKTECH-MTRS6140T Datasheet
50Kb / 2P
   Photo Reflector
MTRS5750 MARKTECH-MTRS5750 Datasheet
53Kb / 2P
   Photo Reflector
MTRS6140 MARKTECH-MTRS6140 Datasheet
52Kb / 2P
   Photo Reflector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com