Selected language     English  ā–¼


KTD1863_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1863_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
1998. 8. 21
2/2
KTD1863
Revision No : 1
0.1
0
BASE-EMITTER VOLTAGE V
(V)
I
- V
C
1
10
100
1000
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
BE
BE
Ta=25 C
V
=5V
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
CE
C
I - V
0.2
0.4
0.6
0.8
1.0
COLLECTOR CURRENT I
(mA)
0
C
h
- I
100
1000
FE
C
V
=3V
CE
V
=1V
CE
0.01
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
0.02
0.05
0.1
0.2
0.5
1.0
2.0
I /I =20/1
C B
I /I =10/1
B
C
Ta=25 C
1
EMITTER CURRENT I
(mA)
C
f - I
T
E
1
2
5
10
20
50
100
200
500
1000
2
5
10 20
50 100 200 500 1000
Ta=25 C
V
=-5V
CE
0.1
1
10
0.2
100
1000
COLLECTOR-BASE VOLTAGE V
(V)
10
0.5
1
5
2
CB
20
50 100
C
- V
ob
CB
Ta=25 C
f=1MHz
I =0A
E
1m
10
0.1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATION AREA
0.2
1
2
20
100
2m
5m
10m
20m
50m
100m
200m
500m
I Max. (Pulse)
C
0.5
5
50
1
2
5
10
Pw=10ms
Pw=100ms
Ta=25 C
*Single nonrepetitive pulse
1.8 2.0
02
4
6
8
10
0
10
100
1000
Ta=25 C
6mA
5mA
4mA
3mA
2mA
1mA
I =0mA
B
Ta=25 C
0
10
100
1000
I =0A
C
DC




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl