Selected language     English  ā–¼


KTD1898_15 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KTD1898_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 3 page
background image
2003. 7. 3
3/3
KTD1898
Revision No : 1
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON CERAMIC
SUBSTRATE
(250mm x0.8t)
Ta=25 C
2
1
2
1
2
(CONTINUOUS)
DC
OPERATION
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
1m
3m
30m
3
10m
100m
300m
1
CE
0.1
0.3
1
3
10
30
100
100mS
*
Pw=10ms
*
I
MAX.
I (Pulse) MAX. *
C
C
* SINGLE NONREPETITVE
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
PULSE Ta=25 C




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl