Selected language     English  ā–¼


KTD2059_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD2059_15
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/2
KTD2059
Revision No : 1
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I
(A)
C
V
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
25
10
30
0.1
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
10
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
1.0
2.0
3.0
4.0
5.0
6.0
1.0
2.0
3.0
4.0
5.0
COMMON EMITTER
Tc=25 C
300
250
200
150
100
50
0
I =20mA
B
CE(sat)
C
13
10
0.03
0.05
0.1
0.3
0.5
1
2
COMMON EMITTER
I /I =10
C
B
Tc=25 C
Tc=-25 C
FE
C
0.03
0.1
0.3
1
3
10
30
50
100
300
500
COMMON EMITTER
V
=5V
CE
Tc=75 C
Tc=25 C
Tc=-25 C
100
300
0.3
0.5
1
3
5
10
20
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX.(PULSED)
C
*
C
I
MAX.
(CONTINUOUS)
1s
*
*
DC
OPERATION
Tc=25
C
0
0
25
50
75
100
125
150
10
20
30
40
50
Tc=Ta
INIFINITE HEAT SINK




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl