Selected language     English  ā–¼


KTD2060_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD2060_15
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/2
KTD2060
Revision No : 2
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
123456
0.8
1.6
2.4
3.2
4.0
COMMON EMITTER
Tc=25 C
240
200 160
120
100
80
60
40
0
I =20mA
B
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
I
MAX(PULSED)
C
*
C
I
MAX
SINGLE
NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
(CONTINUOUS)
Tc=25
C
DC
OPERATION
*
1s
*
*
*
20
10
5
3
1
0.5
0.3
0.1
200
100
30
10
3
1
25
50
75
100
125
150
175
5
10
15
20
25
30
35
Tc=Ta
INFINITE HEAT SINK
h
- I
C
COLLECTOR CURRENT I
(A)
0.002
0.01
0.03
0.1
3
FE
C
0.3
1
3
5
5
10
30
50
100
300
500
COMMON EMITTER
V
=5V
CE
Tc=75 C
Tc=25 C
Tc=-25 C
0.03
0.1
0.03
0.01
0.003
COLLECTOR CURRENT I
(A)
C
V
- I
CE(sat)
C
0.3
1
3
5
0.05
0.1
0.3
0.5
1
3
5
10
COMMON EMITTER
I /I =10
C
B
Tc=25 C
Tc=-25 C
Tc=75 C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl