Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMD63C03X Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMD63C03X
Description  30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMD63C03X Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMD63C03X_15 Datasheet HTML 1Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 2Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 3Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 4Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 5Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 6Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 7Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 8Page - Diodes Incorporated ZXMD63C03X_15 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZXMD63C03X
ISSUE 2 - SEPTEMBER 2007
2
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(d)
RθJA
143
°C/W
Junction to Ambient (b)(d)
RθJA
100
°C/W
Junction to Ambient (a)(e)
RθJA
120
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
(d) For device with one active die.
(e) For device with two active die running at equal power.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
N-CHANNEL
P-CHANNEL
UNIT
Drain-Source Voltage
VDSS
30
-30
V
Gate- Source Voltage
VGS
20
V
Continuous Drain Current
(VGS=4.5V; TA=25°C)(b)(d)
(VGS=4.5V; TA=70°C)(b)(d)
ID
2.3
1.8
-2.0
-1.6
A
A
Pulsed Drain Current (c)(d)
IDM
14
-9.6
A
Continuous Source Current (Body Diode)(b)(d)
IS
1.5
-1.4
A
Pulsed Source Current (Body Diode)(c)(d)
ISM
14
-9.6
A
Power Dissipation at TA=25°C (a)(d)
Linear Derating Factor
PD
0.87
6.9
W
mW/°C
Power Dissipation at TA=25°C (a)(e)
Linear Derating Factor
PD
1.04
8.3
W
mW/°C
Power Dissipation at TA=25°C (b)(d)
Linear Derating Factor
PD
1.25
10
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C


Similar Part No. - ZXMD63C03X_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C03XTA ZETEX-ZXMD63C03XTA Datasheet
283Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63C03XTA ZETEX-ZXMD63C03XTA Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03XTA DIODES-ZXMD63C03XTA Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03XTC ZETEX-ZXMD63C03XTC Datasheet
283Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63C03XTC ZETEX-ZXMD63C03XTC Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63C03X_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X Datasheet
283Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63C03X ZETEX-ZXMD63C03X_05 Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com