Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA4023 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSA4023
Description  TEMPERATURE COMPENSATING ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4023 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSA4023 Datasheet HTML 6Page - RF Micro Devices RFSA4023 Datasheet HTML 7Page - RF Micro Devices RFSA4023 Datasheet HTML 8Page - RF Micro Devices RFSA4023 Datasheet HTML 9Page - RF Micro Devices RFSA4023 Datasheet HTML 10Page - RF Micro Devices RFSA4023 Datasheet HTML 11Page - RF Micro Devices RFSA4023 Datasheet HTML 12Page - RF Micro Devices RFSA4023 Datasheet HTML 13Page - RF Micro Devices RFSA4023 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RFSA4023
DS140117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Function
Description
1GND
Ground Pin
2NC
No Connection. Do not Connect to PC Board Ground Plane.
3RFIN
RF Input. Use External DC Block.
4NC
No Connection. Do not Connect to PC Board Ground Plane.
5GND
Ground Pin
6MODE1
Logic Input for Slope Selection. See Table for Options.
7MODE2
Logic Input for Slope Selection. See Table for Options.
8GND
Ground Pin
9NC
No Connection. Do not Connect to PC Board Ground Plane.
10
RFOUT
RF Output. Use External DC Block.
11
NC
No Connection. Do not Connect to PC Board Ground Plane.
12
GND
Ground Pin
13
GND
Ground Pin
14
GND
Ground Pin
15
VDD
Supply Voltage (3.3V)
16
GND
Ground Pin
GND
GND
Exposed Package Ground Paddle is RF and DC Ground
Mode Selection Table
Mode1
Mode2
Slope dB/°C
25°C Atten (dB)
LOW
HIGH
0.045
5.6
HIGH
HIGH
0.058
6.7
HIGH
LOW
0.066
7.85


Similar Part No. - RFSA4023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013PCK-410 RFMD-RFSA4013PCK-410 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SQ RFMD-RFSA4013SQ Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SR RFMD-RFSA4013SR Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013TR7 RFMD-RFSA4013TR7 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
More results

Similar Description - RFSA4023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
   Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A_07 Datasheet
71Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601_13 Datasheet
56Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601 Datasheet
15Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A Datasheet
19Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE60A NTE-NTE60A_15 Datasheet
61Kb / 1P
   Silicon Varistor Temperature Compensating Diode
logo
Taiyo Yuden (U.S.A.), I...
UMK063CG0R4CTHF TAIYO-YUDEN-UMK063CG0R4CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R1CTHF TAIYO-YUDEN-UMK063CG1R1CTHF Datasheet
137Kb / 1P
   MLCC (Temperature compensating type) for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com