Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA4023 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSA4023
Description  TEMPERATURE COMPENSATING ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4023 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFSA4023 Datasheet HTML 2Page - RF Micro Devices RFSA4023 Datasheet HTML 3Page - RF Micro Devices RFSA4023 Datasheet HTML 4Page - RF Micro Devices RFSA4023 Datasheet HTML 5Page - RF Micro Devices RFSA4023 Datasheet HTML 6Page - RF Micro Devices RFSA4023 Datasheet HTML 7Page - RF Micro Devices RFSA4023 Datasheet HTML 8Page - RF Micro Devices RFSA4023 Datasheet HTML 9Page - RF Micro Devices RFSA4023 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RFSA4023
DS140117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured Performance
0
10
20
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input IP2 versus Temperature
RF 2GHz, V
DD=3.3V, Pin=+20dBm/Tone
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
0
10
20
30
40
50
60
70
80
90
100
110
120
-14
-12
-10
-8
-6
-4
-2
0
Attenuation (dB)
Input IP2 versus Attenuation
RF 2GHz, V
DD=3.3V, Pin=+20dBm/Tone
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
0
10
20
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input IP2 versus Temperature
V
DD=3.3V, Mode 1=High, Mode 2=Low,Pin=+20dBm/Tone
50MHz
500MHz
1000Mhz
2000MHz
3000MHz
4000MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input IP2 versus Temperature
V
DD=3.3V, Mode 1=High, Mode 2=High, Pin=+20dBm/Tone
50MHz
500MHz
1000Mhz
2000MHz
3000MHz
4000MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input IP2 versus Temperature
V
DD=3.3V, Mode 1=Low, Mode 2=High, Pin=+20dBm/Tone
50MHz
500MHz
1000Mhz
2000MHz
3000MHz
4000MHz


Similar Part No. - RFSA4023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013PCK-410 RFMD-RFSA4013PCK-410 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SQ RFMD-RFSA4013SQ Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SR RFMD-RFSA4013SR Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013TR7 RFMD-RFSA4013TR7 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
More results

Similar Description - RFSA4023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
   TEMPERATURE COMPENSATING ATTENUATOR
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
   Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A_07 Datasheet
71Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601_13 Datasheet
56Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601 Datasheet
15Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A Datasheet
19Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE60A NTE-NTE60A_15 Datasheet
61Kb / 1P
   Silicon Varistor Temperature Compensating Diode
logo
Taiyo Yuden (U.S.A.), I...
UMK063CG0R4CTHF TAIYO-YUDEN-UMK063CG0R4CTHF Datasheet
143Kb / 1P
   MLCC (Temperature compensating type) for Automotive
UMK063CG1R1CTHF TAIYO-YUDEN-UMK063CG1R1CTHF Datasheet
137Kb / 1P
   MLCC (Temperature compensating type) for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com